PART |
Description |
Maker |
FM8P51 FM8P51E FM8P51EF FM8P51EP FM8P51F FM8P51P |
EPROM/ROM-Based 8-Bit Microcontroller
|
List of Unclassifed Manufacturers
|
CP80S54 CP80S54E CP80S56 CP80S56E |
EPROM/ROM-Based 8-Bit Microcontroller Series
|
List of Unclassifed Manufacturers
|
FM8P54 FM8P54E FM8P56 FM8P56E |
EPROM/ROM-Based 8-Bit Microcontroller Series
|
List of Unclassifed Manufacturers
|
FM8P54 FM8P54E FM8P56 FM8P56E |
EPROM/ROM-Based 8-Bit Microcontroller Series
|
ETC
|
FM8P54 FM8P54E FM8P56E |
EPROM/ROM-Based 8-Bit Microcontroller Series
|
FEELING TECHNOLOGY
|
PIC17C42A-16/PQ |
High-performance 8-Bit CMOS EPROM, ROM microcontroller
|
Microchip Technology
|
16C554 |
EPROM-Based 8-Bit CMOS Microcontroller
|
Microchip Technology
|
PIC16LV5XA02BI/P PIC16LV5XA02BI/SO PIC16LV5XA02BI/ |
EPROM-Based 8-Bit CMOS Microcontroller Series
|
Microchip Technology
|
27C4100 27C4096 MX27C4096 MX27C4096PI-12 MX27C4096 |
(MX27C4100 / MX27C4096) 4M-BIT [512K x 8/256K x 16] CMOS EPROM 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 120 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 100 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDSO40 Single Output LDO, 50mA, Fixed(3.0V), Low Quiescent Current, Thermal Protection 5-SOT-23 256K X 16 OTPROM, 100 ns, PDIP40
|
Macronix International Co., Ltd.
|
PIC16C55A-04_P PIC16C55A-04_SO PIC16C55A-04_SS PIC |
ROM-Based 8-Bit CMOS Microcontroller Series
|
Microchip Technology
|
AM27C2048 AM27C2048-120DC AM27C2048-120DC5 AM27C20 |
2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 OTPROM, 120 ns, PQCC44 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)CMOS存储 TESTER FLAT CABLE 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 UVPROM, 55 ns, CDIP40 4-Bit Binary Full Adders With Fast Carry 16-SO 0 to 70 2兆位128亩16位)的CMOS存储 TESTER MODULAR CABLE RJ45/12/11 4-Bit Binary Full Adders With Fast Carry 16-SOIC 0 to 70 Evaluation Kit for the MAX3869 2 megabit CMOS EPROM
|
SPANSION LLC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
PIC16HV540 40197A PIC16HV540-20I_SS PIC16HV540-04_ |
From old datasheet system Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator
|
MICROCHIP[Microchip Technology]
|